Part Number Hot Search : 
SA22AG C16F63 UNIFOX M3E21XPA 1N973 ZM4750 M50AC N111195
Product Description
Full Text Search
 

To Download CL1200S122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CL1200
SPECIFICATIONS
Electrical Ratings Electrical Life Contact Resistance Actuation Force Actuator Travel Dielectric Strength Insulation Resistance Operating Temperature Storage Temperature 50mA @ 48VDC 100,000 cycles typical < 50 m initial 160 +/- 50gF .25 +/- .1mm 500Vrms min > 100M min -40C to 85C -40C to 85C
MATERIALS RoHS COMPLIANT
Actuator Housing Cap Frame Contacts Terminals 6/6 Nylon (Through Hole); 9T Nylon (SMD) 6/6 Nylon (Through Hole); 6T Nylon (SMD) 6/6 Nylon (Through Hole); 6/6 Nylon 33% GF(SMD) 6/6 Nylon (Through Hole); 6/6 Nylon 33% GF(SMD) Stainless Steel, Silver Plated Brass, Silver Plated
ORDERING INFORMATION
1. Series: CL1200 A 2 2 CL1200 CL1200V (Right angle) CL1200S (Surface Mount) 2. Cap Style: Blank = No Cap A = Square Cap A1 = Square Cap without LED hole B = Round Cap B1 = Round Cap without LED hole 3. Frame Color: **Frame not available with CL1200V C = No Frame 2 = Black 9 = Gray 4. Cap Color: Blank = No Cap 2 = Black 3 = Red 4 = Yellow 5 = Green 9 = Gray 5. First LED Color: **Super Bright LEDs Not Available in Bi-color N = No LED RS = Super Bright Red R = Red GS = Super Bright Green G = Green YS = Super Bright Yellow Y = Yellow B = Blue W = White O = Orange
R
G
6. Second LED Color: **For Bi-color LED Option Blank = No Second LED R = Red G = Green Y = Yellow B = Blue
**White & Orange not available in bi-color
www.citswitch.com
page 1 phone - 763.535.2339 fax - 763.535.2194
CL1200
DIMENSIONS - NO FRAME & NO CAP
CL1200
CL1200V - RIGHT ANGLE
CL1200S - SURFACE MOUNT
DIMENSIONS - CAP OPTIONS WITH NO FRAME, BY TERMINATION STYLE
A - CAP
A1 - CAP
B - CAP
B1 - CAP
A - CAP
A1 - CAP
B - CAP
B1 - CAP
A - CAP
A1 - CAP
page 2
B - CAP
B1 - CAP
www.citswitch.com
phone - 763.535.2339 fax - 763.535.2194
CL1200
DIMENSIONS - CAP OPTIONS WITH FRAME, BY TERMINATION STYLE
A - CAP
A1 - CAP
B - CAP
B1 - CAP
A - CAP
A1 - CAP
B - CAP
B1 - CAP
SCHEMATICS & PC LAYOUTS
SINGLE / DUAL COLOR LED
THROUGH HOLE
RIGHT ANGLE
SMT
LED SPECIFICATIONS
LED Ratings R
Reverse Voltage Forward Current (avg) Forward Current (peak) Reverse Current VR = 5V Power Dissipation Operating & Storage Temperature Forward Voltage (typ.), IF = 20mA Forward Voltage (max.), IF = 20mA Wavelength at Peak Emmission, IF = 20mA Spectral Line Half-Width, IF = 20mA Luminous Intensity, IF = 20mA Viewing Angle VR IF IFS IR PT TA VF VF P LI 5 30 125 10 69 1.8 2.3 660 24 130 20
G
5 30 125 10 81 2.2 2.7 565 32 65 20 page 3
Y
5 30 125 10 78 2.1 2.6 585 37 45 20
B
5 30 125 10 120 3.5 4.0 460 40 200 20
Value W O
5 5 30 30 125 125 10 10 120 75 -40~ +85 3.5 2.0 4.0 2.5 N/A 610 N/A 35 60 50 165 20
Units RS
5 30 125 10 75 2.0 2.5 630 20 1120 20
GS
5 30 125 10 75 2.0 2.5 572 20 525 20
YS
5 30 125 10 75 2.0 2.5 590 20 1550 20 V mA mA A mW C V V nm nm mcd Deg
www.citswitch.com
phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of CL1200S122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X